Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 97Page - Renesas Technology Corp SH7136 Datasheet HTML 98Page - Renesas Technology Corp SH7136 Datasheet HTML 99Page - Renesas Technology Corp SH7136 Datasheet HTML 100Page - Renesas Technology Corp SH7136 Datasheet HTML 101Page - Renesas Technology Corp SH7136 Datasheet HTML 102Page - Renesas Technology Corp SH7136 Datasheet HTML 103Page - Renesas Technology Corp SH7136 Datasheet HTML 104Page - Renesas Technology Corp SH7136 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 75 of 1130
REJ09B0402-0200
Section 5 Exception Handling
5.1
Overview
5.1.1
Types of Exception Handling and Priority
Exception handling is started by four sources: resets, address errors, interrupts and instructions and
have the priority, as shown in table 5.1. When several exceptions are detected at once, they are
processed according to the priority.
Table 5.1
Types of Exceptions and Priority
Exception
Exception Source
Priority
Reset
Power-on reset
High
Manual reset
Interrupt
User break (break before instruction execution)
Address error
CPU address error (instruction fetch)
Instruction
General illegal instructions (undefined code)
Illegal slot instruction (undefined code placed immediately after a
delayed branch instruction*
1 or instruction that changes the PC value*2)
Trap instruction (TRAPA instruction)
Address error
CPU address error (data access)
Interrupt
User break (break after instruction execution or operand break)
Address error
DTC address error (data access)
Interrupt
NMI
IRQ
On-chip peripheral modules
Low
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, and
BRAF.
2. Instructions that change the PC value: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF,
TRAPA, BF/S, BT/S, BSRF, BRAF, LDC Rm,SR, LDC.L @Rm+,SR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com