Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 100Page - Renesas Technology Corp SH7136 Datasheet HTML 101Page - Renesas Technology Corp SH7136 Datasheet HTML 102Page - Renesas Technology Corp SH7136 Datasheet HTML 103Page - Renesas Technology Corp SH7136 Datasheet HTML 104Page - Renesas Technology Corp SH7136 Datasheet HTML 105Page - Renesas Technology Corp SH7136 Datasheet HTML 106Page - Renesas Technology Corp SH7136 Datasheet HTML 107Page - Renesas Technology Corp SH7136 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 78 of 1130
REJ09B0402-0200
Exception Handling Source
Vector Number
Vector Table Address Offset
Interrupt
IRQ0
64
H'00000100 to H'00000103
IRQ1
65
H'00000104 to H'00000107
IRQ2
66
H'00000108 to H'0000010B
IRQ3
67
H'0000010C to H'0000010F
(Reserved for system use)
68
H'00000110 to H'00000113
69
H'00000114 to H'00000117
70
H'00000118 to H'0000011B
71
H'0000011C to H'0000011F
On-chip peripheral module*
72
H'00000120 to H'00000123
:
:
255
H'000003FC to H'000003FF
Note:
*
For details on the vector numbers and vector table address offsets of on-chip peripheral
module interrupts, see table 6.3 in section 6, Interrupt Controller (INTC).
Table 5.4
Calculating Exception Handling Vector Table Addresses
Exception Source
Vector Table Address Calculation
Resets
Vector table address = (vector table address offset)
= (vector number)
× 4
Address errors, interrupts,
instructions
Vector table address = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Notes: 1. VBR: Vector base register
2. Vector table address offset: See table 5.3.
3. Vector number: See table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com