Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 103Page - Renesas Technology Corp SH7136 Datasheet HTML 104Page - Renesas Technology Corp SH7136 Datasheet HTML 105Page - Renesas Technology Corp SH7136 Datasheet HTML 106Page - Renesas Technology Corp SH7136 Datasheet HTML 107Page - Renesas Technology Corp SH7136 Datasheet HTML 108Page - Renesas Technology Corp SH7136 Datasheet HTML 109Page - Renesas Technology Corp SH7136 Datasheet HTML 110Page - Renesas Technology Corp SH7136 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 81 of 1130
REJ09B0402-0200
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data is read from or written to, as shown in
table 5.6.
Table 5.6
Bus Cycles and Address Errors
Bus Cycle
Type
Bus Master
Bus Cycle Description
Address Errors
CPU
Instruction fetched from even address
None (normal)
Instruction
fetch
Instruction fetched from odd address
Address error occurs
Instruction fetched from a space other than
on-chip peripheral module space
None (normal)
Instruction fetched from on-chip peripheral
module space
Address error occurs
Instruction fetched from external memory
space in single chip mode
Address error occurs
Word data accessed from even address
None (normal)
Data
read/write
CPU or DTC
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword
boundary
None (normal)
Longword data accessed from other than a
long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space
None (normal)
Longword data accessed in 16-bit on-chip
peripheral module space
None (normal)
Longword data accessed in 8-bit on-chip
peripheral module space
None (normal)
External memory space accessed when in
single chip mode
Address error occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com