Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 125Page - Renesas Technology Corp SH7136 Datasheet HTML 126Page - Renesas Technology Corp SH7136 Datasheet HTML 127Page - Renesas Technology Corp SH7136 Datasheet HTML 128Page - Renesas Technology Corp SH7136 Datasheet HTML 129Page - Renesas Technology Corp SH7136 Datasheet HTML 130Page - Renesas Technology Corp SH7136 Datasheet HTML 131Page - Renesas Technology Corp SH7136 Datasheet HTML 132Page - Renesas Technology Corp SH7136 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 103 of 1130
REJ09B0402-0200
6.3.4
Interrupt Priority Registers A, D to F, and H to M (IPRA, IPRD to IPRF, and
IPRH to IPRM)
Interrupt priority registers are ten 16-bit readable/writable registers that set priority levels from 0
to 15 for interrupts except NMI. For the correspondence between interrupt request sources and
IPR, refer to table 6.3. Each of the corresponding interrupt priority ranks are established by setting
a value from H'0 to H'F in each of the four-bit groups 15 to 12, 11 to 8, 7 to 4 and 3 to 0. Reserved
bits that are not assigned should be set H'0 (B'0000).
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IPR[15:12]
IPR[11:8]
IPR[7:4]
IPR[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 12
IPR[15:12]
0000
R/W
Set priority levels for the corresponding interrupt
source.
0000: Priority level 0 (lowest)
0001: Priority level 1
0010: Priority level 2
0011: Priority level 3
0100: Priority level 4
0101: Priority level 5
0110: Priority level 6
0111: Priority level 7
1000: Priority level 8
1001: Priority level 9
1010: Priority level 10
1011: Priority level 11
1100: Priority level 12
1101: Priority level 13
1110: Priority level 14
1111: Priority level 15 (highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com