Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 129Page - Renesas Technology Corp SH7136 Datasheet HTML 130Page - Renesas Technology Corp SH7136 Datasheet HTML 131Page - Renesas Technology Corp SH7136 Datasheet HTML 132Page - Renesas Technology Corp SH7136 Datasheet HTML 133Page - Renesas Technology Corp SH7136 Datasheet HTML 134Page - Renesas Technology Corp SH7136 Datasheet HTML 135Page - Renesas Technology Corp SH7136 Datasheet HTML 136Page - Renesas Technology Corp SH7136 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 107 of 1130
REJ09B0402-0200
IRQCR.IRQn1S
IRQCR.IRQn0S
IRQSR.IRQnF
IRQSR.IRQnL
IRQn pins
RESIRQn
Level
detection
Edge
detection
SQ
R
DTC activation
request
CPU interrupt
request
(Acceptance of IRQn interrupt/
writing 0 after reading IRQnF = 1)
n = 3 to 0
Figure 6.2 Block Diagram of IRQ3 to IRQ0 Interrupts Control
6.4.2
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules.
Since a different interrupt vector is allocated to each interrupt source, the exception handling
routine does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can
be allocated to individual on-chip peripheral modules in interrupt priority registers D to F and H to
M (IPRD to IPRF and IPRH to IPRM). On-chip peripheral module interrupt exception handling
sets the interrupt mask level bits (I3 to I0) in the status register (SR) to the priority level value of
the on-chip peripheral module interrupt that was accepted.
6.4.3
User Break Interrupt
A user break interrupt has a priority level of 15, and occurs when the break condition set in the
user break controller (UBC) is satisfied. User break interrupt requests are detected by edge and are
held until accepted. User break interrupt exception handling sets the interrupt mask level bits (I3
to I0) in the status register (SR) to level 15. For more details on the user break interrupt, see
section 7, User Break Controller (UBC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com