Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 128Page - Renesas Technology Corp SH7136 Datasheet HTML 129Page - Renesas Technology Corp SH7136 Datasheet HTML 130Page - Renesas Technology Corp SH7136 Datasheet HTML 131Page - Renesas Technology Corp SH7136 Datasheet HTML 132Page - Renesas Technology Corp SH7136 Datasheet HTML 133Page - Renesas Technology Corp SH7136 Datasheet HTML 134Page - Renesas Technology Corp SH7136 Datasheet HTML 135Page - Renesas Technology Corp SH7136 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 106 of 1130
REJ09B0402-0200
6.4
Interrupt Sources
6.4.1
External Interrupts
There are four types of interrupt sources: User break, NMI, IRQ, and on-chip peripheral modules.
Individual interrupts are given priority levels (0 to 16, with 0 the lowest and 16 the highest).
Giving an interrupt a priority level of 0 masks it.
NMI Interrupt: The NMI interrupt is given a priority level of 16 and is always accepted. An NMI
interrupt is detected at the edge of the pins. Use the NMI edge select bit (NMIE) in interrupt
control register 0 (ICR0) to select either the rising or falling edge. In the NMI interrupt exception
handler, the interrupt mask level bits (I3 to I0) in the status register (SR) are set to level 15.
IRQ3 to IRQ0 Interrupts: IRQ interrupts are requested by input from pins IRQ0 to IRQ3. Use
the IRQ sense select bits (IRQ31S, IRQ30S to IRQ01S, and IRQ00S) in the IRQ control register
(IRQCR) to select the detection mode from low level detection, falling edge detection, rising edge
detection, and both edge detection for each pin. The priority level can be set from 0 to 15 for each
pin using the interrupt priority register A (IPRA).
In the case that the low level detection is selected, an interrupt request signal is sent to the INTC
while the IRQ pin is driven low. The interrupt request signal stops to be sent to the INTC when the
IRQ pin becomes high. It is possible to confirm that an interrupt is requested by reading the IRQ
flags (IRQ3F to IRQ0F) in the IRQ status register (IRQSR).
In the case that the edge detection is selected, an interrupt request signal is sent to the INTC when
the following change on the IRQ pin is detected: from high to low in falling edge detection mode,
from low to high in rising edge detection mode, and from low to high or from high to low in both
edge detection mode. The IRQ interrupt request by detecting the change on the pin is held until the
interrupt request is accepted. It is possible to confirm that an IRQ interrupt request has been
detected by reading the IRQ flags (IRQ3F to IRQ0F) in the IRQ status register (IRQSR). An IRQ
interrupt request by detecting the change on the pin can be withdrawn by writing 0 to an IRQ flag
after reading 1.
In the IRQ interrupt exception handling, the interrupt mask bits (I3 to I0) in the status register
(SR) are set to the priority level value of the accepted IRQ interrupt. Figure 6.2 shows the block
diagram of the IRQ3 to IRQ0 interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com