Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 130Page - Renesas Technology Corp SH7136 Datasheet HTML 131Page - Renesas Technology Corp SH7136 Datasheet HTML 132Page - Renesas Technology Corp SH7136 Datasheet HTML 133Page - Renesas Technology Corp SH7136 Datasheet HTML 134Page - Renesas Technology Corp SH7136 Datasheet HTML 135Page - Renesas Technology Corp SH7136 Datasheet HTML 136Page - Renesas Technology Corp SH7136 Datasheet HTML 137Page - Renesas Technology Corp SH7136 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 108 of 1130
REJ09B0402-0200
6.5
Interrupt Exception Handling Vector Table
Table 6.3 lists interrupt sources, their vector numbers, vector table address offsets, and interrupt
priorities.
Individual interrupt sources are allocated to different vector numbers and vector table address
offsets. Vector table addresses are calculated from the vector numbers and vector table address
offsets. For interrupt exception handling, the start address of the exception handling routine is
fetched from the vector table address in the vector table. For the details on calculation of vector
table addresses, see table 5.4 in section 5, Exception Handling.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0
and 15 for each pin or module by setting interrupt priority registers A, D to F and H to M (IPRA,
IPRD to IPRF, and IPRH to IPRM). However, when interrupt sources whose priority levels are
allocated with the same IPR are requested, the interrupt of the smaller vector number has priority.
This priority cannot be changed. Priority levels of IRQ interrupts and on-chip peripheral module
interrupts are initialized to level 0 at a power-on reset. If the same priority level is allocated to two
or more interrupt sources and interrupts from those sources occur simultaneously, they are
processed by the default priority order shown in table 6.3.
Table 6.3
Interrupt Exception Handling Vectors and Priorities
Interrupt
Source
Name
Vector
No.
Vector Table
Starting Address IPR
Default
Priority
User break
12
H'00000030
High
External pin
NMI
11
H'0000002C
IRQ0
64
H'00000100
IPRA15 to IPRA12
IRQ1
65
H'00000104
IPRA11 to IPRA8
IRQ2
66
H'00000108
IPRA7 to IPRA4
IRQ3
67
H'0000010C
IPRA3 to IPRA0
TGIA_0
88
H'00000160
IPRD15 to IPRD12
TGIB_0
89
H'00000164
TGIC_0
90
H'00000168
TGID_0
91
H'0000016C
TCIV_0
92
H'00000170
IPRD11 to IPRD8
TGIE_0
93
H'00000174
MTU2_0
TGIF_0
94
H'00000178
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com