Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 134Page - Renesas Technology Corp SH7136 Datasheet HTML 135Page - Renesas Technology Corp SH7136 Datasheet HTML 136Page - Renesas Technology Corp SH7136 Datasheet HTML 137Page - Renesas Technology Corp SH7136 Datasheet HTML 138Page - Renesas Technology Corp SH7136 Datasheet HTML 139Page - Renesas Technology Corp SH7136 Datasheet HTML 140Page - Renesas Technology Corp SH7136 Datasheet HTML 141Page - Renesas Technology Corp SH7136 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 112 of 1130
REJ09B0402-0200
6.6
Interrupt Operation
6.6.1
Interrupt Sequence
The sequence of interrupt operations is explained below. Figure 6.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest priority interrupt from interrupt requests sent,
according to the priority levels set in interrupt priority registers A, D to F, and H to M (IPRA,
IPRD to IPRF, and IPRH to IPRM). Interrupts that have lower-priority than that of the selected
interrupt are ignored*. If interrupts that have the same priority level or interrupts within a same
module occur simultaneously, the interrupt with the highest priority is selected according to
the default priority shown in table 6.3.
3. The interrupt controller compares the priority level of the selected interrupt request with the
interrupt mask bits (I3 to I0) in the status register (SR) of the CPU. If the priority level of the
selected request is equal to or less than the level set in bits I3 to I0, the request is ignored. If
the priority level of the selected request is higher than the level in bits I3 to I0, the interrupt
controller accepts the request and sends an interrupt request signal to the CPU.
4. When the interrupt controller accepts an interrupt, a low level is output from the
IRQOUT pin.
5. The CPU detects the interrupt request sent from the interrupt controller in the decode stage of
an instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception handling.
6. SR and PC are saved onto the stack.
7. The priority level of the accepted interrupt is copied to bits (I3 to I0) in SR.
8. When the accepted interrupt is sensed by level or is from an on-chip peripheral module, a high
level is output from the
IRQOUT pin. When the accepted interrupt is sensed by edge, a high
level is output from the
IRQOUT pin at the moment when the CPU starts interrupt exception
processing instead of instruction execution as noted in 5. above. However, if the interrupt
controller accepts an interrupt with a higher priority than the interrupt just to be accepted, the
IRQOUT pin holds low level.
9. The CPU reads the start address of the exception handling routine from the exception vector
table for the accepted interrupt, branches to that address, and starts executing the program.
This branch is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com