Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 136Page - Renesas Technology Corp SH7136 Datasheet HTML 137Page - Renesas Technology Corp SH7136 Datasheet HTML 138Page - Renesas Technology Corp SH7136 Datasheet HTML 139Page - Renesas Technology Corp SH7136 Datasheet HTML 140Page - Renesas Technology Corp SH7136 Datasheet HTML 141Page - Renesas Technology Corp SH7136 Datasheet HTML 142Page - Renesas Technology Corp SH7136 Datasheet HTML 143Page - Renesas Technology Corp SH7136 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 114 of 1130
REJ09B0402-0200
Program
execution state
Interrupt?
User break?
I3 to I0
≤
level 14?
Level 14
interrupt?
Level 1
interrupt?
I3 to I0
≤
level 13?
I3 to I0
=
level 0?
No
Yes
No
No
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Save SR to stack
IRQOUT = low
Save PC to stack
Copy interrupt
level to I3 to I0
Read exception
vector table
Branch to exception
handling routine
No
Yes
Level 15
interrupt?
Notes: I3 to I0 are interrupt mask bits in the status register (SR) of the CPU
1.
IRQOUT is the same signal as the interrupt request signal to the CPU (see figure 6.1).
Therefore,
IRQOUT is output when the request priority level is higher than the level in bits I3–I0 of SR.
2.
When the accepted interrupt is sensed by edge, a high level is output from the
IRQOUT pin at the moment when
the CPU starts interrupt exception processing instead of instruction execution (namely, before saving SR to stack).
However, if the interrupt controller accepts an interrupt with a higher priority than the interrupt just to be accepted
and has output an interrupt request to the CPU, the
IRQOUT pin holds low level.
3.
The
IRQOUT pin change timing depends on a frequency dividing ratio between the internal (Iφ) and bus (Bφ)
clocks. This flowchart shows that the frequency dividing ratios of the internal (I
φ) and bus (Bφ) clocks are the same.
NMI?
I3 to I0
≤
level 14?
No
Yes
IRQOUT = high
*1*3
*2*3
Figure 6.3 Interrupt Sequence Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com