Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 140Page - Renesas Technology Corp SH7136 Datasheet HTML 141Page - Renesas Technology Corp SH7136 Datasheet HTML 142Page - Renesas Technology Corp SH7136 Datasheet HTML 143Page - Renesas Technology Corp SH7136 Datasheet HTML 144Page - Renesas Technology Corp SH7136 Datasheet HTML 145Page - Renesas Technology Corp SH7136 Datasheet HTML 146Page - Renesas Technology Corp SH7136 Datasheet HTML 147Page - Renesas Technology Corp SH7136 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1160 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 10, 2008 Page 118 of 1130
REJ09B0402-0200
DTC activation
request
DTCECLR
Transfer end
Interrupt request to CPU
Interrupt priority
determination
Interrupt controller
Interrupt source flag clear by DTC
DTCE clear
Interrupt source
flag clear
Interrupt source
DTCER
DTC
Figure 6.6 On-Chip Module Interrupt Control Block Diagram
6.8.1
Handling Interrupt Request Signals as Sources for DTC Activation and CPU
Interrupts
1. For DTC, set the corresponding DTCE bits and DISEL bits to 1.
2. When an interrupt occurs, an activation request is sent to the DTC.
3. When completing a data transfer, the DTC clears the DTCE bit to 0 and sends an interrupt
request to the CPU. The activation source is not cleared.
4. The CPU clears the interrupt source in the interrupt handling routine then checks the transfer
counter value. When the transfer counter value is not 0, the CPU sets the DTCE bit to 1 and
allows the next data transfer. If the transfer counter value = 0, the CPU performs the necessary
end processing in the interrupt processing routine.
6.8.2
Handling Interrupt Request Signals as Sources for DTC Activation, but Not CPU
Interrupts
1. For DTC, set the corresponding DTCE bits to 1 and clear the DISEL bits to 0.
2. When an interrupt occurs, an activation request is sent to the DTC.
3. When completing a data transfer, the DTC clears the activation source. No interrupt request is
sent to the CPU because the DTCE bit is held at 1.
4. However, when the transfer counter value = 0, the DTCE bit is cleared to 0 and an interrupt
request is sent to the CPU.
5. The CPU performs the necessary end processing in the interrupt handling routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com