Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 168Page - Renesas Technology Corp SH7136 Datasheet HTML 169Page - Renesas Technology Corp SH7136 Datasheet HTML 170Page - Renesas Technology Corp SH7136 Datasheet HTML 171Page - Renesas Technology Corp SH7136 Datasheet HTML 172Page - Renesas Technology Corp SH7136 Datasheet HTML 173Page - Renesas Technology Corp SH7136 Datasheet HTML 174Page - Renesas Technology Corp SH7136 Datasheet HTML 175Page - Renesas Technology Corp SH7136 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1160 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 10, 2008 Page 146 of 1130
REJ09B0402-0200
7.4.3
Break on Data Access Cycle
1. If the L bus is specified as a break condition for data access break, condition comparison is
performed for the address (and data) accessed by the executed instructions, and a user break is
generated if the condition is satisfied. If the I bus is specified as a break condition, condition
comparison is performed for the addresses (and data) of the data access cycles that are issued
on the I bus by all bus masters including the CPU, and a user break is generated if the
condition is satisfied. For details on the CPU bus cycles issued on the I bus, see 5 in section
7.4.1, Flow of the User Break Operation.
2. The relationship between the data access cycle address and the comparison condition for each
operand size is listed in table 7.3.
Table 7.3
Data Access Cycle Addresses and Operand Size Comparison Conditions
Access Size
Address Compared
Longword
Compares break address register bits 31 to 2 to address bus bits 31 to 2
Word
Compares break address register bits 31 to 1 to address bus bits 31 to 1
Byte
Compares break address register bits 31 to 0 to address bus bits 31 to 0
This means that when address H'00001003 is set in the break address register (BARA or
BARB), for example, the bus cycle in which the break condition is satisfied is as follows
(where other conditions are met).
Longword access at H'00001000
Word access at H'00001002
Byte access at H'00001003
3. When the data value is included in the break conditions:
When the data value is included in the break conditions, either longword, word, or byte is
specified as the operand size of the break bus cycle register (BBRA or BBRB). When data
values are included in break conditions, a user break is generated when the address conditions
and data conditions both match. To specify byte data for this case, set the same data in two
bytes at bits 15 to 8 and bits 7 to 0 of the break data register (BDRA or BDRB) and break data
mask register (BDMRA or BDMRB). When word or byte is set, bits 31 to 16 of BDRA or
BDRB and BDMRA or BDMRB are ignored.
4. If the L bus is selected, a user break is generated on ending execution of the instruction that
matches the break condition, and immediately before the next instruction is executed.
However, when data is also specified as the break condition, the break may occur on ending
execution of the instruction following the instruction that matches the break condition. When
the I bus is selected, the instruction at which the user break is generated cannot be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com