Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 383Page - Renesas Technology Corp HD64F36034 Datasheet HTML 384Page - Renesas Technology Corp HD64F36034 Datasheet HTML 385Page - Renesas Technology Corp HD64F36034 Datasheet HTML 386Page - Renesas Technology Corp HD64F36034 Datasheet HTML 387Page - Renesas Technology Corp HD64F36034 Datasheet HTML 388Page - Renesas Technology Corp HD64F36034 Datasheet HTML 389Page - Renesas Technology Corp HD64F36034 Datasheet HTML 390Page - Renesas Technology Corp HD64F36034 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 592 page
background image
Section 16 Synchronous Serial Communication Unit (SSU)
Rev. 4.00 Mar. 15, 2006 Page 355 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer clock rate select
Sets transfer clock rate (prescaler division ratio) when the
internal clock is selected.
000:
φ/256
001:
φ/128
010:
φ/64
011:
φ/32
100:
φ/16
101:
φ/8
110:
φ/4
111: Reserved
16.3.4
SS Enable Register (SSER)
SSER is a register that sets transmit enable, receive enable, and interrupt enable.
Bit
Bit Name
Initial
Value
R/W
Description
7
TE
0
R/W
Transmit enable
When this bit is 1, transmit operation is enabled.
6
RE
0
R/W
Receive enable
When this bit is 1, receive operation is enabled.
5
RSSTP
0
R/W
Receive single stop
When this bit is 1, receive operation is completed after
receiving one byte.
4
—
0
—
Reserved
This bit is always read as 0.
3
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, a TEI interrupt request is
enabled.
2
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, a TXI interrupt request is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com