Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 380Page - Renesas Technology Corp HD64F36034 Datasheet HTML 381Page - Renesas Technology Corp HD64F36034 Datasheet HTML 382Page - Renesas Technology Corp HD64F36034 Datasheet HTML 383Page - Renesas Technology Corp HD64F36034 Datasheet HTML 384Page - Renesas Technology Corp HD64F36034 Datasheet HTML 385Page - Renesas Technology Corp HD64F36034 Datasheet HTML 386Page - Renesas Technology Corp HD64F36034 Datasheet HTML 387Page - Renesas Technology Corp HD64F36034 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 592 page
background image
Section 16 Synchronous Serial Communication Unit (SSU)
Rev. 4.00 Mar. 15, 2006 Page 352 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
4
SOL
0
R/W
Serial Data Output Level Setting
Although the value in the last bit of transmit data is
retained in the serial data output after the end of
transmission, the output level of serial data can be
changed by manipulating this bit before or after
transmission. When the output level is changed, the
SOLP bit should be cleared to 0 and the MOV instruction
should be used. If this bit is written during data transfer,
erroneous operation may occur. Therefore this bit must
not be manipulated during transmission.
0: Shows serial data output level to low in reading.
Changes serial data output level to low in writing
1: Shows serial data output level to high in reading.
Changes serial data output level to high in writing
3
SOLP
1
R/W
SOL Write Protect
When output level of serial data is changed, the MOV
instruction is used to set the SOL bit to 1 and clear this bit
to 0 or to clear the SOL bit and this bit to 0.
0: In writing, output level can be changed according to the
value of the SOL bit.
1: In reading, this bit is always read as 1. In writing, it
cannot be modified output level.
2
SCKS
0
R/W
SSCK Pin Select
Selects whether the SSCK pin functions as a port or a
serial clock pin.
0: Functions as a port
1: Functions as a serial clock pin
1
0
CSS1
CSS0
0
0
R/W
R/W
SCS Pin Select
Selects whether the
SCS pin functions as a port, an SCS
input, or
SCS output. When the SSUMS bit in SSCRL is
0, the
SCS pin functions as a port regardless of the
setting of this bit.
00: Functions as a port
01: Functions as an
SCS input
1X: Functions as an
SCS output (however, functions as
an
SCS input before starting transfer)
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com