Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 377Page - Renesas Technology Corp HD64F36034 Datasheet HTML 378Page - Renesas Technology Corp HD64F36034 Datasheet HTML 379Page - Renesas Technology Corp HD64F36034 Datasheet HTML 380Page - Renesas Technology Corp HD64F36034 Datasheet HTML 381Page - Renesas Technology Corp HD64F36034 Datasheet HTML 382Page - Renesas Technology Corp HD64F36034 Datasheet HTML 383Page - Renesas Technology Corp HD64F36034 Datasheet HTML 384Page - Renesas Technology Corp HD64F36034 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 592 page
background image
Section 16 Synchronous Serial Communication Unit (SSU)
Rev. 4.00 Mar. 15, 2006 Page 349 of 556
REJ09B0026-0400
Section 16 Synchronous Serial Communication Unit (SSU)
The synchronous serial communication unit (SSU) can handle clocked synchronous serial data
communication.
Figure 16.1 shows a block diagram of the SSU.
16.1
Features
• Can be operated in clocked synchronous communication mode or four-line bus communication
mode (including bidirectional communication mode)
• Can be operated as a master or a slave device
• Choice of seven internal clocks (φ/256, φ/128, φ/64, φ/32, φ/16, φ/8, φ/4) and an external clock
as a clock source
• Clock polarity and phase of SSCK can be selected
• Choice of data transfer direction (MSB-first or LSB-first)
• Receive error detection: overrun error
• Multimaster error detection: conflict error
• Five interrupt sources: transmit-end, transmit-data-empty, receive-data-full, overrun error, and
conflict error
16.2
Continuous transmission and reception of serial data are enabled
since both transmitter and Input/Output Pins
Table 16.1 shows the pin configuration of the SSU.
Table 16.1
Pin Configuration
Pin Name
Abbreviation
I/O
Function
SSU clock
SSCK
I/O
SSU clock input/output
SSU data input/output
SSI
I/O
SSU data input/output
SSU data input/output
SSO
I/O
SSU data input/output
SSU chip select input/output
SCS
I/O
SSU chip select input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com