Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 374Page - Renesas Technology Corp HD64F36034 Datasheet HTML 375Page - Renesas Technology Corp HD64F36034 Datasheet HTML 376Page - Renesas Technology Corp HD64F36034 Datasheet HTML 377Page - Renesas Technology Corp HD64F36034 Datasheet HTML 378Page - Renesas Technology Corp HD64F36034 Datasheet HTML 379Page - Renesas Technology Corp HD64F36034 Datasheet HTML 380Page - Renesas Technology Corp HD64F36034 Datasheet HTML 381Page - Renesas Technology Corp HD64F36034 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 346 of 556
REJ09B0026-0400
Counter Write Error Passive: The TinyCAN can be forced to make a transition to the error-
passive state by writing a value of 127 or higher to the error counter. To write a value to the error
counter, set the HLTRQ bit to 1. A value written to TEC is automatically also written to REC; the
same value is to be written to TEC and REC. Note that the TinyCAN need to be in halt mode to
write a value to TEC and REC. The TinyCAN should communicate in normal mode (TSTMD bit
= 0), since written values of TEC and REC are retained unless the TinyCAN is reset or detects an
error.
Force to Error Passive: The TinyCAN can be forced to make a transition to the error-passive
state by setting the FERPS bit to 1.
15.8
CAN Bus Interface
A bus transceiver IC and a pull-up resistor are necessary to connect this LSI to a CAN bus. A
Renesas Technology HA13721 transceiver IC is recommended. If any other product is used,
confirm that it is compatible with the HA13721. Figure 15.19 shows a sample connection diagram.
HRXD
HTXD
This LSI
Note: NC: Non connection
CAN bus
120 W
120 W
Vcc
HA13721
TXD
GND
Vcc
RXD
Mode
CANH
CANL
NC
NC
Figure 15.19 High-Speed CAN Bus Interface Using HA13721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com