Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 372Page - Renesas Technology Corp HD64F36034 Datasheet HTML 373Page - Renesas Technology Corp HD64F36034 Datasheet HTML 374Page - Renesas Technology Corp HD64F36034 Datasheet HTML 375Page - Renesas Technology Corp HD64F36034 Datasheet HTML 376Page - Renesas Technology Corp HD64F36034 Datasheet HTML 377Page - Renesas Technology Corp HD64F36034 Datasheet HTML 378Page - Renesas Technology Corp HD64F36034 Datasheet HTML 379Page - Renesas Technology Corp HD64F36034 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 344 of 556
REJ09B0026-0400
15.6
Interrupt Requests
The TinyCAN has the following interrupt requests. These interrupts can be masked except for a
reset processing interrupt caused by powering on. To mask them, the Mailbox interrupt mask
register (MBIMR) and interrupt mask register (IMR) are used. Since these interrupt requests are
allocated to the common vector addresses, their sources need to be identified by flags.
Table 15.4
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
Wakeup
WUPI
When falling edge of HRXD is detected in LSI
standby mode
Unread message
OVRI
When new message is received while MBIMR
corresponding to receive message is 0 and
RXPR or RFPR is 1
Mailbox empty
EMPI
When TXPR is cleared to 0 by completion of
transmission or completion of transmission
cancellation
Overload frame transmission
OVLI
When overload frame is transmitted
Bus off
BOFI
When TEC
≥ 256 or 11 bits are received 128
times in bus off state
Error passive
EPI
When TEC
≥ 128 or REC ≥ 128
Receive overload warning
ROWI
When REC
≥ 96
Transmit overload warning
TOWI
When TEC
≥ 96
Remote frame request
RFRI
When remote frame is received and
corresponding MBIMR is 0
Receive message
DFRI
When message reception is completed and
corresponding MBIMR is 0
Reset/Halt
RHI
When processing is completed after software
reset request (RSTRQ) or halt mode request
(HLTRQ) is issued
When TEC or REC becomes 128 after incrementing or decrementing, note that the error passive
(EPI) flag issues an interrupt request. When REC or TEC becomes 96 after incrementing or
decrementing, note that the receive overload warning (ROWI) flag or transmit overload warning
(TOWI) flag issues an interrupt request, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com