Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 369Page - Renesas Technology Corp HD64F36034 Datasheet HTML 370Page - Renesas Technology Corp HD64F36034 Datasheet HTML 371Page - Renesas Technology Corp HD64F36034 Datasheet HTML 372Page - Renesas Technology Corp HD64F36034 Datasheet HTML 373Page - Renesas Technology Corp HD64F36034 Datasheet HTML 374Page - Renesas Technology Corp HD64F36034 Datasheet HTML 375Page - Renesas Technology Corp HD64F36034 Datasheet HTML 376Page - Renesas Technology Corp HD64F36034 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 341 of 556
REJ09B0026-0400
Yes
No
0
1
Note: Processing in a shaded box requires setting by software.
TinyCAN is in normal mode
TinyCAN is in halt mode
TinyCAN is during
transmission, reception,
or in bus off state?
TinyCAN is in normal mode
Set HLTRQ in MCR to 1
(halt mode)
Read RHI in TCIRR0 = 1
Read HALT in GSR = 1
Interrupt occurred
(RHI in TCIRR0 = 1)
Method 1: Halt mode
Method 2: Other than halt mode
Change ID, MBCR, and LAFM
of Mailbox
Clear HLTRQ in MCR to 0
Yes
No
TinyCAN is in normal mode
Read corresponding
RXPR (RFPR) = 0
Read corresponding
RXPR (RFPR)
TinyCAN is in normal mode
and ready for action
Set corresponding MBn in
MBIMR to 1
Change ID and MBCR
of Mailbox
Write 1 to corresponding MBn
in RXPR (MBn in RFPR) and
delete receive message
Clear corresponding MBn in
MBIMR to 0
Write 1 to MBn in RXPR
(MBn in RFPR)
Figure 15.17 Flowchart for Changing ID, MBCR, and LAFM of Receive Mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com