Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 129Page - Renesas Technology Corp HD64F36034 Datasheet HTML 130Page - Renesas Technology Corp HD64F36034 Datasheet HTML 131Page - Renesas Technology Corp HD64F36034 Datasheet HTML 132Page - Renesas Technology Corp HD64F36034 Datasheet HTML 133Page - Renesas Technology Corp HD64F36034 Datasheet HTML 134Page - Renesas Technology Corp HD64F36034 Datasheet HTML 135Page - Renesas Technology Corp HD64F36034 Datasheet HTML 136Page - Renesas Technology Corp HD64F36034 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 592 page
background image
Section 7 ROM
Rev. 4.00 Mar. 15, 2006 Page 101 of 556
REJ09B0026-0400
8. The maximum number of repetitions of the program/program-verify sequence of the same bit
is 1,000.
START
End of programming
Note: * The RTS instruction must not be used during the following 1. and 2. periods.
1. A period between 128-byte data programming to flash memory and the P bit clearing
2. A period between dummy writing of H'FF to a verify address and verify data reading
Set SWE bit in FLMCR1
Write pulse application subroutine
Wait 1
µs
Apply Write Pulse
*
End Sub
Set PSU bit in FLMCR1
WDT enable
Disable WDT
Wait 50
µs
Set P bit in FLMCR1
Wait (Wait time = programming time)
Clear P bit in FLMCR1
Wait 5
µs
Clear PSU bit in FLMCR1
Wait 5
µs
n = 1
m = 0
No
No
No
Yes
Yes
Yes
Yes
Wait 4
µs
Wait 2
µs
Wait 2
µs
Apply Write pulse
Set PV bit in FLMCR1
Set block start address as
verify address
H'FF dummy write to verify address
Read verify data
Verify data =
write data?
Reprogram data computation
Additional-programming data computation
Clear PV bit in FLMCR1
Clear SWE bit in FLMCR1
m = 1
m = 0 ?
Increment address
Programming failure
No
Clear SWE bit in FLMCR1
Wait 100
µs
No
Yes
n
≤ 6?
No
Yes
n
≤ 6 ?
Wait 100
µs
n
≤ 1000 ?
n
← n + 1
Write 128-byte data in RAM reprogram
data area consecutively to flash memory
Store 128-byte program data in program
data area and reprogram data area
Apply Write Pulse
Sub-Routine-Call
128-byte
data verification completed?
Successively write 128-byte data from additional-
programming data area in RAM to flash memory
*
Figure 7.3 Program/Program-Verify Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com