Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 133Page - Renesas Technology Corp HD64F36034 Datasheet HTML 134Page - Renesas Technology Corp HD64F36034 Datasheet HTML 135Page - Renesas Technology Corp HD64F36034 Datasheet HTML 136Page - Renesas Technology Corp HD64F36034 Datasheet HTML 137Page - Renesas Technology Corp HD64F36034 Datasheet HTML 138Page - Renesas Technology Corp HD64F36034 Datasheet HTML 139Page - Renesas Technology Corp HD64F36034 Datasheet HTML 140Page - Renesas Technology Corp HD64F36034 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 592 page
background image
Section 7 ROM
Rev. 4.00 Mar. 15, 2006 Page 105 of 556
REJ09B0026-0400
7.5
Program/Erase Protection
There are three kinds of flash memory program/erase protection; hardware protection, software
protection, and error protection.
7.5.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted because of a transition to reset, subactive mode, subsleep mode, or standby
mode. Flash memory control register 1 (FLMCR1), flash memory control register 2 (FLMCR2),
and erase block register 1 (EBR1) are initialized. In a reset via the
RES pin, the reset state is not
entered unless the
RES pin is held low until oscillation stabilizes after powering on. In the case of
a reset during operation, hold the
RES pin low for the RES pulse width specified in the AC
Characteristics section.
7.5.2
Software Protection
Software protection can be implemented against programming/erasing of all flash memory blocks
by clearing the SWE bit in FLMCR1. When software protection is in effect, setting the P or E bit
in FLMCR1 does not cause a transition to program mode or erase mode. By setting the erase block
register 1 (EBR1), erase protection can be set for individual blocks. When EBR1 is set to H'00,
erase protection is set for all blocks.
7.5.3
Error Protection
In error protection, an error is detected when CPU runaway occurs during flash memory
programming/erasing, or operation is not performed in accordance with the program/erase
algorithm, and the program/erase operation is forcibly aborted. Aborting the program/erase
operation prevents damage to the flash memory due to overprogramming or overerasing.
When the following errors are detected during programming/erasing of flash memory, the FLER
bit in FLMCR2 is set to 1, and the error protection state is entered.
• When the flash memory of the relevant address area is read during programming/erasing
(including vector read and instruction fetch)
• Immediately after exception handling excluding a reset during programming/erasing
• When a SLEEP instruction is executed during programming/erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com