Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 134Page - Renesas Technology Corp HD64F36034 Datasheet HTML 135Page - Renesas Technology Corp HD64F36034 Datasheet HTML 136Page - Renesas Technology Corp HD64F36034 Datasheet HTML 137Page - Renesas Technology Corp HD64F36034 Datasheet HTML 138Page - Renesas Technology Corp HD64F36034 Datasheet HTML 139Page - Renesas Technology Corp HD64F36034 Datasheet HTML 140Page - Renesas Technology Corp HD64F36034 Datasheet HTML 141Page - Renesas Technology Corp HD64F36034 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 592 page
background image
Section 7 ROM
Rev. 4.00 Mar. 15, 2006 Page 106 of 556
REJ09B0026-0400
The FLMCR1, FLMCR2, and EBR1 settings are retained, however program mode or erase mode
is aborted at the point at which the error occurred. Program mode or erase mode cannot be re-
entered by re-setting the P or E bit. However, PV and EV bit settings are retained, and a transition
can be made to verify mode. Error protection can be cleared only by a power-on reset.
7.6
Programmer Mode
In programmer mode, a PROM programmer can be used to perform programming/erasing via a
socket adapter, just as a discrete flash memory. Use a PROM programmer that supports the MCU
device type with the on-chip 64-kbyte flash memory (FZTAT64V5).
7.7
Power-Down States for Flash Memory
In user mode, the flash memory will operate in either of the following states:
• Normal operating mode
The flash memory can be read and written to at high speed.
• Power-down operating mode
The power supply circuit of flash memory can be partly halted. As a result, flash memory can
be read with low power consumption.
• Standby mode
All flash memory circuits are halted.
Table 7.7 shows the correspondence between the operating modes of this LSI and the flash
memory. In subactive mode, the flash memory can be set to operate in power-down mode with the
PDWND bit in FLPWCR. When the flash memory returns to its normal operating state from
power-down mode or standby mode, a period to stabilize operation of the power supply circuits
that were stopped is needed. When the flash memory returns to its normal operating state, bits
STS2 to STS0 in SYSCR1 must be set to provide a wait time of at least 20 µs, even when the
external clock is being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com