Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 139Page - Renesas Technology Corp HD64F36034 Datasheet HTML 140Page - Renesas Technology Corp HD64F36034 Datasheet HTML 141Page - Renesas Technology Corp HD64F36034 Datasheet HTML 142Page - Renesas Technology Corp HD64F36034 Datasheet HTML 143Page - Renesas Technology Corp HD64F36034 Datasheet HTML 144Page - Renesas Technology Corp HD64F36034 Datasheet HTML 145Page - Renesas Technology Corp HD64F36034 Datasheet HTML 146Page - Renesas Technology Corp HD64F36034 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 111 of 556
REJ09B0026-0400
Section 9 I/O Ports
This LSI has forty-five general I/O ports and eight general input-only ports. Port 6 is a large
current port, which can drive 20 mA (@V
OL = 1.5 V) when a low level signal is output. Any of
these ports can become an input port immediately after a reset. They can also be used as I/O pins
of the on-chip peripheral modules or external interrupt input pins, and these functions can be
switched depending on the register settings. The registers for selecting these functions can be
divided into two types: those included in I/O ports and those included in each on-chip peripheral
module. General I/O ports are comprised of the port control register for controlling inputs/outputs
and the port data register for storing output data and can select inputs/outputs in bit units.
For functions in each port, see appendix B.1, I/O Port Block Diagrams. For the execution of bit-
manipulation instructions to the port control register and port data register, see section 2.8.3, Bit
Manipulation Instruction.
9.1
Port 1
Port 1 is a general I/O port also functioning as IRQ interrupt input pins, a timer B1 input pin, and a
timer V input pin. Figure 9.1 shows its pin configuration.
P17/
IRQ3/TRGV
P16/
IRQ2
P15/
IRQ1/TMIB1
P14/
IRQ0
P12
P11
P10
Port 1
Figure 9.1 Port 1 Pin Configuration
Port 1 has the following registers.
• Port mode register 1 (PMR1)
• Port control register 1 (PCR1)
• Port data register 1 (PDR1)
• Port pull-up control register 1 (PUCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com