| Electronic Components Datasheet Search |
|
HD64F36034 Datasheet(PDF) 146 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36034 Datasheet(HTML) 146 Page - Renesas Technology Corp |
|
146 / 592 page ![]() Section 9 I/O Ports Rev. 4.00 Mar. 15, 2006 Page 114 of 556 REJ09B0026-0400 9.1.4 Port Pull-Up Control Register 1 (PUCR1) PUCR1 controls the pull-up MOS in bit units of the pins set as the input ports. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 PUCR17 PUCR16 PUCR15 PUCR14 PUCR12 PUCR11 PUCR10 0 0 0 0 1 0 0 0 R/W R/W R/W R/W R/W R/W R/W Only bits for which PCR1 is cleared are valid. The pull-up MOS of the corresponding pins enters the on- state when these bits are set to 1, while they enter the off-state when these bits are cleared to 0. Bit 3 is a reserved bit. This bit is always read as 1. 9.1.5 Pin Functions The correspondence between the register specification and the port functions is shown below. • P17/IRQ3/TRGV pin Register PMR1 PCR1 Bit Name IRQ3 PCR17 Pin Function Setting value 0 0 P17 input pin 1 P17 output pin 1 X IRQ3 input/TRGV input pin [Legend] X: Don't care. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |