Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 145Page - Renesas Technology Corp HD64F36034 Datasheet HTML 146Page - Renesas Technology Corp HD64F36034 Datasheet HTML 147Page - Renesas Technology Corp HD64F36034 Datasheet HTML 148Page - Renesas Technology Corp HD64F36034 Datasheet HTML 149Page - Renesas Technology Corp HD64F36034 Datasheet HTML 150Page - Renesas Technology Corp HD64F36034 Datasheet HTML 151Page - Renesas Technology Corp HD64F36034 Datasheet HTML 152Page - Renesas Technology Corp HD64F36034 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 117 of 556
REJ09B0026-0400
9.2.1
Port Control Register 2 (PCR2)
PCR2 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 2.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
Reserved
4
3
2
1
0
PCR24
PCR23
PCR22
PCR21
PCR20
0
0
0
0
0
W
W
W
W
W
When each of the port 2 pins P24 to P20 functions as a
general I/O port, setting a PCR2 bit to 1 makes the
corresponding pin an output port, while clearing the bit to
0 makes the pin an input port.
9.2.2
Port Data Register 2 (PDR2)
PDR2 is a general I/O port data register of port 2.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 1
Reserved
These bits are always read as 1.
4
3
2
1
0
P24
P23
P22
P21
P20
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
PDR2 stores output data for port 2 pins.
If PDR2 is read while PCR2 bits are set to 1, the value
stored in PDR2 is read. If PDR2 is read while PCR2 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com