Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 148Page - Renesas Technology Corp HD64F36034 Datasheet HTML 149Page - Renesas Technology Corp HD64F36034 Datasheet HTML 150Page - Renesas Technology Corp HD64F36034 Datasheet HTML 151Page - Renesas Technology Corp HD64F36034 Datasheet HTML 152Page - Renesas Technology Corp HD64F36034 Datasheet HTML 153Page - Renesas Technology Corp HD64F36034 Datasheet HTML 154Page - Renesas Technology Corp HD64F36034 Datasheet HTML 155Page - Renesas Technology Corp HD64F36034 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 120 of 556
REJ09B0026-0400
9.3
Port 5
Port 5 is a general I/O port also functioning as an A/D trigger input pin and a wakeup interrupt
input pin. Each pin of the port 5 is shown in figure 9.3. The register setting of the I
2C bus interface
register has priority for functions of the pins P57/SCL and P56/SDA. Since the output buffer for
pins P56 and P57 has the NMOS push-pull structure, it differs from an output buffer with the
CMOS structure in the high-level output characteristics (see section 22, Electrical Characteristics).
P57
P56
P55/
WKP5/ADTRG
P54/
WKP4
P53/
WKP3
P52/
WKP2
P51/
WKP1
P50/
WKP0
Port 5
Figure 9.3 Port 5 Pin Configuration
Port 5 has the following registers.
• Port mode register 5 (PMR5)
• Port control register 5 (PCR5)
• Port data register 5 (PDR5)
• Port pull-up control register 5 (PUCR5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com