Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 216Page - Renesas Technology Corp HD64F36034 Datasheet HTML 217Page - Renesas Technology Corp HD64F36034 Datasheet HTML 218Page - Renesas Technology Corp HD64F36034 Datasheet HTML 219Page - Renesas Technology Corp HD64F36034 Datasheet HTML 220Page - Renesas Technology Corp HD64F36034 Datasheet HTML 221Page - Renesas Technology Corp HD64F36034 Datasheet HTML 222Page - Renesas Technology Corp HD64F36034 Datasheet HTML 223Page - Renesas Technology Corp HD64F36034 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 188 of 556
REJ09B0026-0400
Free-Running Count Operation and Periodic Count Operation: Immediately after a reset, the
TCNT counters for channels 0 and 1 are all designated as free-running counters. When the
relevant bit in TSTR is set to 1, the corresponding TCNT counter starts an increment operation as
a free-running counter. When TCNT overflows, the OVF flag in TSR is set to 1. If the value of the
OVIE bit in the corresponding TIER is 1 at this point, timer Z requests an interrupt. After
overflow, TCNT starts an increment operation again from H'0000.
Figure 12.8 illustrates free-running counter operation.
H'FFFF
TCNT value
Time
H'0000
STR0,
STR1
OVF
Figure 12.8 Free-Running Counter Operation
When compare match is selected as the TCNT clearing source, the TCNT counter for the relevant
channel performs periodic count operation. The GR registers for setting the period are designated
as output compare registers, and counter clearing by compare match is selected by means of bits
CCLR1 and CCLR0 in TCR. After the settings have been made, TCNT starts an increment
operation as a periodic counter when the corresponding bit in TSTR is set to 1. When the count
value matches the value in GR, the IMFA, IMFB, IMFC, or IMFD flag in TSR is set to 1 and
TCNT is cleared to H'0000.
If the value of the corresponding IMIEA, IMIEB, IMIEC, or IMIED bit in TIER is 1 at this point,
the timer Z requests an interrupt. After a compare match, TCNT starts an increment operation
again from H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com