Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 213Page - Renesas Technology Corp HD64F36034 Datasheet HTML 214Page - Renesas Technology Corp HD64F36034 Datasheet HTML 215Page - Renesas Technology Corp HD64F36034 Datasheet HTML 216Page - Renesas Technology Corp HD64F36034 Datasheet HTML 217Page - Renesas Technology Corp HD64F36034 Datasheet HTML 218Page - Renesas Technology Corp HD64F36034 Datasheet HTML 219Page - Renesas Technology Corp HD64F36034 Datasheet HTML 220Page - Renesas Technology Corp HD64F36034 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 185 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
0
IMIEA
0
R/W
Input Capture/Compare Match Interrupt Enable A
0: Interrupt requests (IMIA) by IMFA flag are disabled
1: Interrupt requests (IMIA) by IMFA flag are enabled
12.3.13
PWM Mode Output Level Control Register (POCR)
POCR control the active level in PWM mode. Timer Z has two POCR registers, one for each
channel.
Bit
Bit Name
Initial
value
R/W
Description
7 to 3
All 1
Reserved
These bits are always read as 1.
2
POLD
0
R/W
PWM Mode Output Level Control D
0: The output level of FTIOD is low-active
1: The output level of FTIOD is high-active
1
POLC
0
R/W
PWM Mode Output Level Control C
0: The output level of FTIOC is low-active
1: The output level of FTIOC is high-active
0
POLB
0
R/W
PWM Mode Output Level Control B
0: The output level of FTIOB is low-active
1: The output level of FTIOB is high-active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com