Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 243Page - Renesas Technology Corp HD64F36034 Datasheet HTML 244Page - Renesas Technology Corp HD64F36034 Datasheet HTML 245Page - Renesas Technology Corp HD64F36034 Datasheet HTML 246Page - Renesas Technology Corp HD64F36034 Datasheet HTML 247Page - Renesas Technology Corp HD64F36034 Datasheet HTML 248Page - Renesas Technology Corp HD64F36034 Datasheet HTML 249Page - Renesas Technology Corp HD64F36034 Datasheet HTML 250Page - Renesas Technology Corp HD64F36034 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 215 of 556
REJ09B0026-0400
Figure 12.32 (1) and (2) show examples of PWM waveform output with 0% duty and 100% duty
in complementary PWM mode (for one phase).
• TPSC2 = TPSC1 = TPSC0 = 0
Set GRB_0 to H'0000 or a value equal to or more than GRA_0, and the waveform with a duty
cycle of 0% and 100% can be output. When buffer operation is used together, the duty cycles
can easily be changed, including the above settings, during operation. For details on buffer
operation, see section 12.4.8, Buffer Operation.
• Other than TPSC2 = TPSC1 = TPSC0 = 0
Set GRB_0 to satisfy the following expression: GRA_0 + 1 < GRB_0 < H'FFFF, and the
waveform with a duty cycle of 0% and 100% can be output. For details on 0%- and 100%-duty
cycle waveform output, see Setting GR Value in Complementary PWM Mode: C, Outputting a
waveform with a duty cycle of 0% and 100% in section 12.4.7, Complementary PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com