Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 255Page - Renesas Technology Corp HD64F36034 Datasheet HTML 256Page - Renesas Technology Corp HD64F36034 Datasheet HTML 257Page - Renesas Technology Corp HD64F36034 Datasheet HTML 258Page - Renesas Technology Corp HD64F36034 Datasheet HTML 259Page - Renesas Technology Corp HD64F36034 Datasheet HTML 260Page - Renesas Technology Corp HD64F36034 Datasheet HTML 261Page - Renesas Technology Corp HD64F36034 Datasheet HTML 262Page - Renesas Technology Corp HD64F36034 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 227 of 556
REJ09B0026-0400
Figures 12.42 and 12.43 show the operation examples when buffer operation has been designated
for GRB_0 and GRD_0 in complementary PWM mode. These are examples when a PWM
waveform of 0% duty is created by using the buffer operation and performing GRD_0
≥ GRA_0.
Data is transferred from GRD_0 to GRB_0 according to the settings of CMD_0 and CMD_1 when
TCNT_0 and GRA_0 are compared and their contents match or when TCNT_1 underflows.
However, when GRD_0
≥ GRA_0, data is transferred from GRD_0 to GRB_0 when TCNT_1
underflows regardless of the setting of CMD_0 and CMD_1. When GRD_0 = H'0000, data is
transferred from GRD_0 to GRB_0 when TCNT_0 and GRA_0 are compared and their contents
match regardless of the settings of CMD_0 and CMD_1.
GRA_0
H'0000
H'0999
FTIOB0
FTIOD0
TCNT_0
TCNT values
Time
GRB_0 (When restored, data will be transferred
to the saved location regardless of the
CMD1 and CMD0 values)
TCNT_1
H'0999
H'0999
H'0999
H'0999
H'1FFF
H'0999
GRD_0
H'1FFF
GRB_0
Figure 12.42 Buffer Operation (3)
(Buffer Operation in Complementary PWM Mode CMD1 = CMD0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com