Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 276Page - Renesas Technology Corp HD64F36034 Datasheet HTML 277Page - Renesas Technology Corp HD64F36034 Datasheet HTML 278Page - Renesas Technology Corp HD64F36034 Datasheet HTML 279Page - Renesas Technology Corp HD64F36034 Datasheet HTML 280Page - Renesas Technology Corp HD64F36034 Datasheet HTML 281Page - Renesas Technology Corp HD64F36034 Datasheet HTML 282Page - Renesas Technology Corp HD64F36034 Datasheet HTML 283Page - Renesas Technology Corp HD64F36034 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 592 page
background image
Section 13 Watchdog Timer
Rev. 4.00 Mar. 15, 2006 Page 248 of 556
REJ09B0026-0400
13.2.2
Timer Counter WD (TCWD)
TCWD is an 8-bit readable/writable up-counter. When TCWD overflows from H'FF to H'00, the
internal reset signal is generated and the WRST bit in TCSRWD is set to 1. TCWD is initialized to
H'00.
13.2.3
Timer Mode Register WD (TMWD)
TMWD selects the input clock.
Bit
Bit Name
Initial
Value
R/W
Description
7
CKS7
1
R/W
Clock Select 7
Selects the subtimer internal oscillator.
CKS7 CKS3
0
1
: SBT internal oscillator
X
0
: WDT internal oscillator
1
1
: WDT internal oscillator
6 to 4
All 1
Reserved
These bits are always read as 1.
3
2
1
0
CKS3
CKS2
CKS1
CKS0
1
1
1
1
R/W
R/W
R/W
R/W
Clock Select 3 to 0
Select the clock to be input to TCWD.
1000: Internal clock: counts on
φ/64
1001: Internal clock: counts on
φ/128
1010: Internal clock: counts on
φ/256
1011: Internal clock: counts on
φ/512
1100: Internal clock: counts on
φ/1024
1101: Internal clock: counts on
φ/2048
1110: Internal clock: counts on
φ/4096
1111: Internal clock: counts on
φ/8192
0XXX: WDT internal oscillator
For the internal oscillator overflow periods, see section
22, Electrical Characteristics.
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com