Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 280Page - Renesas Technology Corp HD64F36034 Datasheet HTML 281Page - Renesas Technology Corp HD64F36034 Datasheet HTML 282Page - Renesas Technology Corp HD64F36034 Datasheet HTML 283Page - Renesas Technology Corp HD64F36034 Datasheet HTML 284Page - Renesas Technology Corp HD64F36034 Datasheet HTML 285Page - Renesas Technology Corp HD64F36034 Datasheet HTML 286Page - Renesas Technology Corp HD64F36034 Datasheet HTML 287Page - Renesas Technology Corp HD64F36034 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 252 of 556
REJ09B0026-0400
• Break detection: Break can be detected by reading the RXD pin level directly in the case of a
framing error
Clocked synchronous mode
• Data length: 8 bits
• Receive error detection: Overrun errors
Table 14.1
Channel Configuration
Channel
Abbreviation
Pin
Register
Register Address
SMR
H'FFA8
BRR
H'FFA9
SCR3
H'FFAA
TDR
H'FFAB
SSR
H'FFAC
RDR
H'FFAD
RSR
Channel 1*
1
SCI3
SCK3
RXD
TXD
TSR
SMR_2
H'F740
BRR_2
H'F741
SCR3_2
H'F742
TDR_2
H'F743
SSR_2
H'F744
RDR_2
H'F745
RSR_2
Channel 2*
2
SCI3_2
SCK3_2
RXD_2
TXD_2
TSR_2
Notes: 1. Channel 1 is used in on-board programming mode by boot mode.
2. The H8/36037 Group does not have the channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com