Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 284Page - Renesas Technology Corp HD64F36034 Datasheet HTML 285Page - Renesas Technology Corp HD64F36034 Datasheet HTML 286Page - Renesas Technology Corp HD64F36034 Datasheet HTML 287Page - Renesas Technology Corp HD64F36034 Datasheet HTML 288Page - Renesas Technology Corp HD64F36034 Datasheet HTML 289Page - Renesas Technology Corp HD64F36034 Datasheet HTML 290Page - Renesas Technology Corp HD64F36034 Datasheet HTML 291Page - Renesas Technology Corp HD64F36034 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 256 of 556
REJ09B0026-0400
14.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI3’s serial transfer format and select the baud rate generator clock
source.
Bit
Bit Name
Initial
Value
R/W
Description
7
COM
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length (enabled only in asynchronous mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous mode)
When this bit is set to 1, the parity bit is added to transmit
data before transmission, and the parity bit is checked in
reception.
4
PM
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
For reception, only the first stop bit is checked, regardless
of the value in the bit. If the second stop bit is 0, it is
treated as the start bit of the next transmit character.
2
MP
0
R/W
Multiprocessor Mode
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit and PM
bit settings are invalid in multiprocessor mode. In clocked
synchronous mode, clear this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com