Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 285Page - Renesas Technology Corp HD64F36034 Datasheet HTML 286Page - Renesas Technology Corp HD64F36034 Datasheet HTML 287Page - Renesas Technology Corp HD64F36034 Datasheet HTML 288Page - Renesas Technology Corp HD64F36034 Datasheet HTML 289Page - Renesas Technology Corp HD64F36034 Datasheet HTML 290Page - Renesas Technology Corp HD64F36034 Datasheet HTML 291Page - Renesas Technology Corp HD64F36034 Datasheet HTML 292Page - Renesas Technology Corp HD64F36034 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 257 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 0 and 1
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/14 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relationship between the bit rate register setting
and the baud rate, see section 14.3.8, Bit Rate Register
(BRR). n is the decimal representation of the value of n in
BRR (see section 14.3.8, Bit Rate Register (BRR)).
14.3.6
Serial Control Register 3 (SCR3)
SCR3 is a register that enables or disables SCI3 transfer operations and interrupt requests, and is
also used to select the transfer clock source. For details on interrupt requests, refer to section 14.7,
Interrupts.
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, the TXI interrupt request is
enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt requests
are enabled.
5
TE
0
R/W
Transmit Enable
When this bit s set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com