Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 292Page - Renesas Technology Corp HD64F36034 Datasheet HTML 293Page - Renesas Technology Corp HD64F36034 Datasheet HTML 294Page - Renesas Technology Corp HD64F36034 Datasheet HTML 295Page - Renesas Technology Corp HD64F36034 Datasheet HTML 296Page - Renesas Technology Corp HD64F36034 Datasheet HTML 297Page - Renesas Technology Corp HD64F36034 Datasheet HTML 298Page - Renesas Technology Corp HD64F36034 Datasheet HTML 299Page - Renesas Technology Corp HD64F36034 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 264 of 556
REJ09B0026-0400
Table 14.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2)
Operating Frequency
φ (MHz)
6
6.144
7.3728
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
106
–0.44
2
108
0.08
2
130
–0.07
150
2
77
0.14
2
79
0.00
2
95
0.00
300
1
155
0.14
1
159
0.00
1
191
0.00
600
1
77
0.14
1
79
0.00
1
95
0.00
1200
0
155
0.14
0
159
0.00
0
191
0.00
2400
0
77
0.14
0
79
0.00
0
95
0.00
4800
0
38
0.14
0
39
0.00
0
47
0.00
9600
0
19
–2.34
0
19
0.00
0
23
0.00
19200
0
9
–2.34
0
9
0.00
0
11
0.00
31250
0
5
0.00
0
5
2.40
0
6
5.33
38400
0
4
–2.34
0
4
0.00
0
5
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com