Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 290Page - Renesas Technology Corp HD64F36034 Datasheet HTML 291Page - Renesas Technology Corp HD64F36034 Datasheet HTML 292Page - Renesas Technology Corp HD64F36034 Datasheet HTML 293Page - Renesas Technology Corp HD64F36034 Datasheet HTML 294Page - Renesas Technology Corp HD64F36034 Datasheet HTML 295Page - Renesas Technology Corp HD64F36034 Datasheet HTML 296Page - Renesas Technology Corp HD64F36034 Datasheet HTML 297Page - Renesas Technology Corp HD64F36034 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 262 of 556
REJ09B0026-0400
Table 14.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency
φ (MHz)
2
2.097152
2.4576
3
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
1
141
0.03
1
148
–0.04
1
174
–0.26
1
212
0.03
150
1
103
0.14
1
108
0.21
1
127
0.00
1
155
0.14
300
0
207
0.14
0
217
0.21
0
255
0.00
1
77
0.14
600
0
103
0.14
0
108
0.21
0
127
0.00
0
155
0.14
1200
0
51
0.14
0
54
–0.70
0
63
0.00
0
77
0.14
2400
0
25
0.14
0
26
1.14
0
31
0.00
0
38
0.14
4800
0
12
0.14
0
13
–2.48
0
15
0.00
0
19
–2.34
9600
0
6
–6.99
0
6
–2.48
0
7
0.00
0
9
–2.34
19200
0
2
8.51
0
2
13.78
0
3
0.00
0
4
–2.34
31250
0
1
0.00
0
1
4.86
0
1
22.88
0
2
0.00
38400
0
1
–18.62
0
1
–14.67
0
1
0.00
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com