| Electronic Components Datasheet Search |
|
HD64F36034 Datasheet(PDF) 304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36034 Datasheet(HTML) 304 Page - Renesas Technology Corp |
|
304 / 592 page ![]() Section 14 Serial Communication Interface 3 (SCI3) Rev. 4.00 Mar. 15, 2006 Page 272 of 556 REJ09B0026-0400 14.4.3 Data Transmission Figure 14.5 shows an example of operation for transmission in asynchronous mode. In transmission, the SCI3 operates as described below. 1. The SCI3 monitors the TDRE flag in SSR. If the flag is cleared to 0, the SCI3 recognizes that data has been written to TDR, and transfers the data from TDR to TSR. 2. After transferring data from TDR to TSR, the SCI3 sets the TDRE flag to 1 and starts transmission. If the TIE bit is set to 1 at this time, a TXI interrupt request is generated. Continuous transmission is possible because the TXI interrupt routine writes next transmit data to TDR before transmission of the current transmit data has been completed. 3. The SCI3 checks the TDRE flag at the timing for sending the stop bit. 4. If the TDRE flag is 0, the data is transferred from TDR to TSR, the stop bit is sent, and then serial transmission of the next frame is started. 5. If the TDRE flag is 1, the TEND flag in SSR is set to 1, the stop bit is sent, and then the “mark state” is entered, in which 1 is output. If the TEIE bit in SCR3 is set to 1 at this time, a TEI interrupt request is generated. 6. Figure 14.6 shows a sample flowchart for transmission in asynchronous mode. 1 frame Start bit Start bit Transmit data Transmit data Parity bit Stop bit Parity bit Stop bit Mark state 1 frame 0 1D0 D1 D7 0/1 1 1 1 0D0 D1 D7 0/1 Serial data TDRE TEND LSI operation TXI interrupt request generated TDRE flag cleared to 0 User processing Data written to TDR TXI interrupt request generated TEI interrupt request generated Figure 14.5 Example of SCI3 Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |