Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 301Page - Renesas Technology Corp HD64F36034 Datasheet HTML 302Page - Renesas Technology Corp HD64F36034 Datasheet HTML 303Page - Renesas Technology Corp HD64F36034 Datasheet HTML 304Page - Renesas Technology Corp HD64F36034 Datasheet HTML 305Page - Renesas Technology Corp HD64F36034 Datasheet HTML 306Page - Renesas Technology Corp HD64F36034 Datasheet HTML 307Page - Renesas Technology Corp HD64F36034 Datasheet HTML 308Page - Renesas Technology Corp HD64F36034 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 592 page
background image
Section 14 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Mar. 15, 2006 Page 273 of 556
REJ09B0026-0400
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Write transmit data to TDR
Yes
No
No
Yes
Read TEND flag in SSR
[2]
No
Yes
[3]
Clear PDR to 0 and
set PCR to 1
Clear TE bit in SCR3 to 0
TDRE = 1
All data transmitted?
TEND = 1
Break output?
[1] Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR. When data is
written to TDR, the TDRE flag is
automaticaly cleared to 0.
[2] To continue serial transmission,
read 1 from the TDRE flag to
confirm that writing is possible,
then write data to TDR. When data
is written to TDR, the TDRE flag is
automaticaly cleared to 0.
[3] To output a break in serial
transmission, after setting PCR to 1
and PDR to 0, clear TxD in PMR1
to 0, then clear the TE bit in SCR3
to 0.
Figure 14.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com