Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 157Page - Renesas Technology Corp SH7124 Datasheet HTML 158Page - Renesas Technology Corp SH7124 Datasheet HTML 159Page - Renesas Technology Corp SH7124 Datasheet HTML 160Page - Renesas Technology Corp SH7124 Datasheet HTML 161Page - Renesas Technology Corp SH7124 Datasheet HTML 162Page - Renesas Technology Corp SH7124 Datasheet HTML 163Page - Renesas Technology Corp SH7124 Datasheet HTML 164Page - Renesas Technology Corp SH7124 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 141 of 750
REJ09B0243-0400
<Channel B>
Address:
H'0003722E, Address mask: H'00000000
Data:
H'00000000, Data mask: H'00000000
Bus cycle: L bus/instruction fetch (before instruction execution)/read/word
Since instruction fetch is not a write cycle on channel A, a sequential condition does not
match. Therefore, no user break occurs.
(Example 1-5)
• Register specifications
BARA = H'00000500, BAMRA = H'00000000, BBRA = H'0057, BDRA = H'00000000,
BDMRA = H'00000000, BARB = H'00001000, BAMRB = H'00000000, BBRB = H'0057,
BDRB = H'00000000, BDMRB = H'00000000, BRCR = H'00000001, BETR = H'0005
Specified conditions: Channel A/channel B independent mode
<Channel A>
Address:
H'00000500, Address mask: H'00000000
Data:
H'00000000, Data mask: H'00000000
Bus cycle: L bus/instruction fetch (before instruction execution)/read/longword
The number of execution-times break enable (5 times)
<Channel B>
Address:
H'00001000, Address mask: H'00000000
Data:
H'00000000, Data mask: H'00000000
Bus cycle: L bus/instruction fetch (before instruction execution)/read/longword
On channel A, a user break occurs after the instruction of address H'00000500 is executed four
times and before the fifth time.
On channel B, a user break occurs before an instruction of address H'00001000 is executed.
(Example 1-6)
• Register specifications
BARA = H'00008404, BAMRA = H'00000FFF, BBRA = H'0054, BDRA = H'00000000,
BDMRA = H'00000000, BARB = H'00008010, BAMRB = H'00000006, BBRB = H'0054,
BDRB = H'00000000, BDMRB = H'00000000, BRCR = H'00000400
Specified conditions: Channel A/channel B independent mode
<Channel A>
Address:
H'00008404, Address mask: H'00000FFF
Data:
H'00000000, Data mask: H'00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com