Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 154Page - Renesas Technology Corp SH7124 Datasheet HTML 155Page - Renesas Technology Corp SH7124 Datasheet HTML 156Page - Renesas Technology Corp SH7124 Datasheet HTML 157Page - Renesas Technology Corp SH7124 Datasheet HTML 158Page - Renesas Technology Corp SH7124 Datasheet HTML 159Page - Renesas Technology Corp SH7124 Datasheet HTML 160Page - Renesas Technology Corp SH7124 Datasheet HTML 161Page - Renesas Technology Corp SH7124 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 138 of 750
REJ09B0243-0400
4. When data access (address + data) is specified as a break condition:
When a data value is added to the break conditions, the address of an instruction that is within
two instructions of the instruction that matched the break condition is saved in the stack. At
which instruction the break occurs cannot be determined accurately.
When a delay slot instruction matches the condition, the branch destination address is saved in
the stack. If the instruction following the instruction that matches the break condition is a
branch instruction, the break may occur after the branch instruction or delay slot has finished.
In this case, the branch destination address is saved in the stack.
7.3.6
PC Trace
1. Setting PCTE in BRCR to 1 enables PC traces. When branch (branch instruction, and interrupt
exception) is generated, the branch source address and branch destination address are stored in
BRSR and BRDR, respectively.
2. The values stored in BRSR and BRDR are as given below due to the kind of branch.
 If a branch occurs due to a branch instruction, the address of the branch instruction is saved
in BRSR and the address of the branch destination instruction is saved in BRDR.
 If a branch occurs due to an interrupt or exception, the value saved in stack due to
exception occurrence is saved in BRSR and the start address of the exception handling
routine is saved in BRDR.
3. BRSR and BRDR have four pairs of queue structures. The top of queues is read first when the
address stored in the PC trace register is read. BRSR and BRDR share the read pointer. Read
BRSR and BRDR in order, the queue only shifts after BRDR is read. After switching the
PCTE bit (in BRCR) off and on, the values in the queues are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com