Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 151Page - Renesas Technology Corp SH7124 Datasheet HTML 152Page - Renesas Technology Corp SH7124 Datasheet HTML 153Page - Renesas Technology Corp SH7124 Datasheet HTML 154Page - Renesas Technology Corp SH7124 Datasheet HTML 155Page - Renesas Technology Corp SH7124 Datasheet HTML 156Page - Renesas Technology Corp SH7124 Datasheet HTML 157Page - Renesas Technology Corp SH7124 Datasheet HTML 158Page - Renesas Technology Corp SH7124 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 135 of 750
REJ09B0243-0400
7.3.2
Break on Instruction Fetch Cycle
1. When L bus/instruction fetch/read/word, longword, or not including the operand size is set in
the break bus cycle register (BBRA or BBRB), the break condition becomes the L bus
instruction fetch cycle. Whether it breaks before or after the execution of the instruction can
then be selected with the PCBA or PCBB bit in the break control register (BRCR) for the
appropriate channel. If an instruction fetch cycle is set as a break condition, clear LSB in the
break address register (BARA or BARB) to 0. A break cannot be generated as long as this bit
is set to 1.
2. An instruction set for a break before execution breaks when it is confirmed that the instruction
has been fetched and will be executed. This means this feature cannot be used on instructions
fetched by overrun (instructions fetched at a branch or during an interrupt transition, but not to
be executed). When this kind of break is set for the delay slot of a delayed branch instruction,
the break is generated prior to execution of the delayed branch instruction.
Note:
If a branch does not occur at a delay condition branch instruction, the subsequent
instruction is not recognized as a delay slot.
3. When the condition is specified to be occur after execution, the instruction set with the break
condition is executed and then the break is generated prior to the execution of the next
instruction. As with pre-execution breaks, this cannot be used with overrun fetch instructions.
When this kind of break is set for a delayed branch instruction and its delay slot, a break is not
generated until the first instruction at the branch destination.
4. When an instruction fetch cycle is set, the break data register (BDRA or BDRB) is ignored.
Therefore, break data cannot be set for the break of the instruction fetch cycle.
5. If the I bus is set for a break of an instruction fetch cycle, the condition is determined for the
instruction fetch cycles on the I bus. For details, see 5 in section 7.3.1, Flow of the User Break
Operation.
7.3.3
Break on Data Access Cycle
1. If the L bus is specified as a break condition for data access break, condition comparison is
performed for the address (and data) accessed by the executed instructions, and a break occurs
if the condition is satisfied. If the I bus is specified as a break condition, condition comparison
is performed for the addresses (and data) of the data access cycles that are issued on the I bus
by all bus masters including the CPU, and a break occurs if the condition is satisfied. For
details on the CPU bus cycles issued on the I bus, see 5 in section 7.3.1, Flow of the User
Break Operation.
2. The relationship between the data access cycle address and the comparison condition for each
operand size is listed in table 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com