Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 148Page - Renesas Technology Corp SH7124 Datasheet HTML 149Page - Renesas Technology Corp SH7124 Datasheet HTML 150Page - Renesas Technology Corp SH7124 Datasheet HTML 151Page - Renesas Technology Corp SH7124 Datasheet HTML 152Page - Renesas Technology Corp SH7124 Datasheet HTML 153Page - Renesas Technology Corp SH7124 Datasheet HTML 154Page - Renesas Technology Corp SH7124 Datasheet HTML 155Page - Renesas Technology Corp SH7124 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 132 of 750
REJ09B0243-0400
7.2.13
Branch Source Register (BRSR)
BRSR is a 32-bit read-only register. BRSR stores bits 27 to 0 in the address of the branch source
instruction. BRSR has the flag bit that is set to 1 when a branch occurs. This flag bit is cleared to 0
by a power-on reset or manual reset when BRSR is read or the setting to enable PC trace is made.
Other bits are not initialized by a power-on reset. The eight BRSR registers have a queue structure
and a stored register is shifted at every branch.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000
-
-
-
-
-
-
-
-
-
-
-
-
RRRRRRRRRRRRRRRR
----------------
RRRRRRRRRRRRRRRR
SVF
-
-
-
BSA27 BSA26 BSA25 BSA24 BSA23 BSA22 BSA21 BSA20 BSA19 BSA18 BSA17 BSA16
BSA15 BSA14 BSA13 BSA12 BSA11 BSA10
BSA9
BSA8
BSA7
BSA6
BSA5
BSA4
BSA3
BSA2
BSA1
BSA0
Bit
Bit Name
Initial
Value
R/W
Description
31
SVF
0
R
BRSR Valid Flag
Indicates whether the branch source address is stored.
This flag bit is set to 1 when a branch occurs. This flag
is cleared to 0 when BRSR is read, the setting to
enable PC trace is made, or BRSR is initialized by a
power-on reset.
0: The value of BRSR register is invalid
1: The value of BRSR register is valid
30 to 28
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
27 to 0
BSA27 to
BSA0
Undefined R
Branch Source Address
Store bits 27 to 0 of the branch source address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com