Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 149Page - Renesas Technology Corp SH7124 Datasheet HTML 150Page - Renesas Technology Corp SH7124 Datasheet HTML 151Page - Renesas Technology Corp SH7124 Datasheet HTML 152Page - Renesas Technology Corp SH7124 Datasheet HTML 153Page - Renesas Technology Corp SH7124 Datasheet HTML 154Page - Renesas Technology Corp SH7124 Datasheet HTML 155Page - Renesas Technology Corp SH7124 Datasheet HTML 156Page - Renesas Technology Corp SH7124 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 133 of 750
REJ09B0243-0400
7.2.14
Branch Destination Register (BRDR)
BRDR is a 32-bit read-only register. BRDR stores bits 27 to 0 in the address of the branch
destination instruction. BRDR has the flag bit that is set to 1 when a branch occurs. This flag bit is
cleared to 0 by a power-on reset or manual reset when BRDR is read or the setting to enable PC
trace is made. Other bits are not initialized by a power-on reset. The eight BRDR registers have a
queue structure and a stored register is shifted at every branch.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000
-
-
-
-
-
-
-
-
-
-
-
-
RRRRRRRRRRRRRRRR
----------------
RRRRRRRRRRRRRRRR
DVF
-
-
-
BDA27 BDA26 BDA25 BDA24 BDA23 BDA22 BDA21 BDA20 BDA19 BDA18 BDA17 BDA16
BDA15 BDA14 BDA13 BDA12 BDA11 BDA10
BDA9
BDA8
BDA7
BDA6
BDA5
BDA4
BDA3
BDA2
BDA1
BDA0
Bit
Bit Name
Initial
Value
R/W
Description
31
DVF
0
R
BRDR Valid Flag
Indicates whether a branch destination address is
stored. This flag bit is set to 1 when a branch occurs.
This flag is cleared to 0 when BRDR is read, the
setting to enable PC trace is made, or BRDR is
initialized by a power-on reset.
0: The value of BRDR register is invalid
1: The value of BRDR register is valid
30 to 28
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
27 to 0
BDA27 to
BDA0
Undefined R
Branch Destination Address
Store bits 27 to 0 of the branch destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com