Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 31Page - Renesas Technology Corp SH7032 Datasheet HTML 32Page - Renesas Technology Corp SH7032 Datasheet HTML 33Page - Renesas Technology Corp SH7032 Datasheet HTML 34Page - Renesas Technology Corp SH7032 Datasheet HTML 35Page - Renesas Technology Corp SH7032 Datasheet HTML 36Page - Renesas Technology Corp SH7032 Datasheet HTML 37Page - Renesas Technology Corp SH7032 Datasheet HTML 38Page - Renesas Technology Corp SH7032 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 9 of 658
REJ09B0272-0700
1.3
Pin Descriptions
1.3.1
Pin Arrangement
PB13/TP13/IRQ5/SCK1
PB12/TP12/IRQ4/SCK0
PB11/TP11/TxD1
PB10/TP10/RxD1
PB9/TP9/TxD0
PB8/TP8/RxD0
VSS
PB7/TP7/TOCXB4/TCLKD
PB6/TP6/TOCXA4/TCLKC
PB5/TP5/TIOCB4
PB4/TP4/TIOCA4
PB3/TP3/TIOCB3
PB2/TP2/TIOCA3
VCC
PB1/TP1/TIOCB2
PB0/TP0/TIOCA2
VSS
PC7/AN7
PC6/AN6
PC5/AN5
PC4/AN4
AVSS
PC3/AN3
PC2/AN2
PC1/AN1
PC0/AN0
AVref
AVCC
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
A6
A7
VSS
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
CS0
CS1/CASH
CS2
CS3/CASL
VSS
PA0/CS4/TIOCA0
PA1/CS5/RAS
PA2/CS6/TIOCB0
PA3/CS7/WAIT
VSS
VCC
Top view
(PRQP0112JA-A)
Notes: 1. VPP: SH7034 (PROM version) only
2. Initial value (output)
Figure 1.2 Pin Arrangement (PRQP0112JA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com