Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 23Page - Renesas Technology Corp SH7032 Datasheet HTML 24Page - Renesas Technology Corp SH7032 Datasheet HTML 25Page - Renesas Technology Corp SH7032 Datasheet HTML 26Page - Renesas Technology Corp SH7032 Datasheet HTML 27Page - Renesas Technology Corp SH7032 Datasheet HTML 28Page - Renesas Technology Corp SH7032 Datasheet HTML 29Page - Renesas Technology Corp SH7032 Datasheet HTML 30Page - Renesas Technology Corp SH7032 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 1 of 658
REJ09B0272-0700
Section 1 Overview
1.1
SuperH Microcomputer Features
SuperH microcomputers (SH7000 series) comprise a new generation of reduced instruction set
computers (RISC) in which a Renesas-original CPU and the peripheral functions required for
system configuration are integrated onto a single chip.
The CPU has a RISC-type instruction set. Most instructions can be executed in one system clock
cycle, which strikingly improves instruction execution speed. In addition, the CPU has a 32-bit
internal architecture for enhanced data-processing ability. As a result, the CPU enables high-
performance systems to be constructed with advanced functionality at low cost, even in
applications such as realtime control that require very high speeds, an impossibility with
conventional microcomputers.
SH microcomputers include peripheral functions such as large-capacity ROM, RAM, a direct
memory access controller (DMAC), timers, a serial communication interface (SCI), an A/D
converter, an interrupt controller (INTC), and I/O ports. External memory access support functions
enable direct connection to SRAM and DRAM. These features can drastically reduce system cost.
For on-chip ROM, masked ROM or electrically programmable ROM (PROM) can be selected.
The PROM version can be programmed by users with a general-purpose PROM programmer.
Table 1.1 lists the features of the SH microcomputers (SH7032 and SH7034).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com