Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 33Page - Renesas Technology Corp SH7032 Datasheet HTML 34Page - Renesas Technology Corp SH7032 Datasheet HTML 35Page - Renesas Technology Corp SH7032 Datasheet HTML 36Page - Renesas Technology Corp SH7032 Datasheet HTML 37Page - Renesas Technology Corp SH7032 Datasheet HTML 38Page - Renesas Technology Corp SH7032 Datasheet HTML 39Page - Renesas Technology Corp SH7032 Datasheet HTML 40Page - Renesas Technology Corp SH7032 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 11 of 658
REJ09B0272-0700
1.3.2
Pin Functions
Table 1.3 describes the pin functions.
Table 1.3
Pin Functions
Type
Symbol
Pin No.
(PRQP0112
JA-A)
Pin No.
(PTQP0120
LA-A)
I/O Name and Function
Power
VCC
15, 43, 70,
75, 77*, 83,
84, 99
16, 46, 75,
80, 82*, 88,
89, 106
I
Power: Connected to the power supply.
Connect all VCC pins to the system power
supply . The chip will not operate if any VCC pin
is left unconnected.
VSS
3, 12, 22,
31, 40, 52,
61, 72, 96,
106
4, 13, 23,
34, 43, 55,
66, 77, 102,
113
I
Ground: Connected to ground. Connect all VSS
pins to the system ground. The chip will not
operate if any VSS pin is left unconnected.
VPP
77*
82*
I
PROM programming power supply: Connected
to the power supply (VCC) during normal
operation. Apply +12.5 V when programming
the PROM in the SH7034 (PROM version).
Clock
EXTAL
73
78
I
External clock: Connected to a crystal
resonator or external clock input having the
same frequency as the system clock (CK).
XTAL
74
79
I
Crystal: Connected to a crystal resonator with
the same frequency as the system clock (CK).
If an external clock is input at the EXTAL pin,
leave XTAL open.
CK
71
76
O
System clock: Supplies the system clock (CK)
to peripheral devices.
System
control
RES
79
84
I
Reset: Low input causes a power-on reset if
NMI is high, or a manual reset if NMI is low.
WDTOVF78
83
O
Watchdog timer overflow: Overflow output
signal from the watchdog timer.
BREQ
62
67
I
Bus request: Driven low by an external device
to request bus ownership.
BACK
60
65
O
Bus request acknowledge: Indicates that bus
ownership has been granted to an external
device. By receiving the
BACK signal, a device
that has sent a
BREQ signal can confirm that it
has been granted the bus.
Note: * Pin 77 is VCC in the SH7032 and SH7034 (masked ROM version), and VPP in the SH7034
(PROM version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com