Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 55Page - Renesas Technology Corp SH7032 Datasheet HTML 56Page - Renesas Technology Corp SH7032 Datasheet HTML 57Page - Renesas Technology Corp SH7032 Datasheet HTML 58Page - Renesas Technology Corp SH7032 Datasheet HTML 59Page - Renesas Technology Corp SH7032 Datasheet HTML 60Page - Renesas Technology Corp SH7032 Datasheet HTML 61Page - Renesas Technology Corp SH7032 Datasheet HTML 62Page - Renesas Technology Corp SH7032 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 687 page
background image
Section 2 CPU
Rev. 7.00 Jan 31, 2006 page 33 of 658
REJ09B0272-0700
The following tables (arranged by instruction classification) show instruction codes, operations,
and execution states, using the format shown below.
Table 2.11 Instruction Code Format
Item
Format
Explanation
Instruction
mnemonic
OP.Sz
SRC,DEST
OP: Operation code
Sz: Size
SRC: Source
DEST: Destination
Rm: Source register
Rn: Destination register
imm: Immediate data
disp: Displacement*
Instruction
code
MSB
↔ LSB
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
...........
1111: R15
iiii: Immediate data
dddd: Displacement
Operation
summary
→, ←
(xx)
M/Q/T
&
|
^
~
<<n, >>n
Direction of transfer
Memory operand
Flag bits in SR
Logical AND of each bit
Logical OR of each bit
Exclusive OR of each bit
Logical NOT of each bit
n-bit shift
Execution
Value when no wait states are inserted
cycle
Instruction execution cycles: The execution cycles shown
in the table are minimums. The actual number of cycles
may be increased:
1. When contention occurs between instruction fetches and
data access, or
2. When the destination register of the load instruction
(memory
→ register) and the register used by the next
instruction are the same.
T bit
Value of T bit after instruction is executed
—
No change
Notes: * Scaling (×1, ×2, ×4) is performed based on the operand size of the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com