Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 25Page - Renesas Technology Corp SH7032 Datasheet HTML 26Page - Renesas Technology Corp SH7032 Datasheet HTML 27Page - Renesas Technology Corp SH7032 Datasheet HTML 28Page - Renesas Technology Corp SH7032 Datasheet HTML 29Page - Renesas Technology Corp SH7032 Datasheet HTML 30Page - Renesas Technology Corp SH7032 Datasheet HTML 31Page - Renesas Technology Corp SH7032 Datasheet HTML 32Page - Renesas Technology Corp SH7032 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 3 of 658
REJ09B0272-0700
Feature
Description
Interrupt controller
Nine external interrupt pins (NMI,
IRQ0–IRQ7)
(INTC)
Thirty-one internal interrupt sources
Sixteen programmable priority levels
User break controller
(UBC)
Generates an interrupt when the CPU or DMAC generates a bus cycle
with specified conditions
Simplifies configuration of an on-chip debugger
Clock pulse generator
(CPG)
On-chip clock pulse generator (maximum operating frequency: 20 MHz):
20-MHz pulses can be generated from a 20-MHz crystal with a duty cycle
correcting circuit
Bus state controller
(BSC)
Supports external memory access:
Sixteen-bit external data bus
Address space divided into eight areas with the following preset features:
Bus size (8 or 16 bits)
Number of wait cycles can be defined by user.
Type of area (external memory area, DRAM area, etc.)
 Simplifies connection to ROM, SRAM, DRAM, and peripheral I/O
When the DRAM area is accessed:
 RAS and CAS signals for DRAM are output
 Tp cycles can be generated to assure RAS precharge time
 Address multiplexing is supported internally, so DRAM can be
connected directly
Chip select signals (
CS0 to CS7) are output for each area
DRAM refresh function:
Programmable refresh interval
Supports CAS-before-RAS refresh and self-refresh modes
DRAM burst access function:
Supports high-speed access modes for DRAM
Wait cycles can be inserted by an external WAIT signal
One-stage write buffer improves the system performance
Data bus parity can be generated and checked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com