Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 29Page - Renesas Technology Corp SH7032 Datasheet HTML 30Page - Renesas Technology Corp SH7032 Datasheet HTML 31Page - Renesas Technology Corp SH7032 Datasheet HTML 32Page - Renesas Technology Corp SH7032 Datasheet HTML 33Page - Renesas Technology Corp SH7032 Datasheet HTML 34Page - Renesas Technology Corp SH7032 Datasheet HTML 35Page - Renesas Technology Corp SH7032 Datasheet HTML 36Page - Renesas Technology Corp SH7032 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 7 of 658
REJ09B0272-0700
Product
Number
On-Chip
ROM
Operating
Voltage
Operating
Frequency
Temperature
Range
Model
Marking
Model No.*
2
Package
SH7034B*
1 Mask
3.3 V
4 to 12.5 MHz -20 to +75
°C
HD6437034BVF12
6437034B(***)F
112-pin plastic
ROM
-40 to +85
°C
HD6437034BVFW12 6437034B(***)FW
QFP
(PRQP0112JA-A)
-20 to +75
°C
HD6437034BVX12
6437034B(***)X
120-pin plastic
-40 to +85
°C
HD6437034BVXW12 6437034B(***)XW
TQFP
(PTQP0120LA-A)
ROMless 3.3 V
4 to 20 MHz
-20 to +75
°C
HD6417034BVF20
HD6417034BVF20 112-pin plastic
-40 to +85
°C
HD6417034BVFW20 HD6417034BVFW2
0
QFP
(PRQP0112JA-A)
-20 to +75
°C
HD6417034BVX20
6417034BVTE20
120-pin plastic
-40 to +85
°C
HD6417034BVXW20 6417034BVTEW20
TQFP
(PTQP0120LA-A)
Notes: 1. The electrical characteristics of the SH7034B mask ROM version and SH7034 PROM
version are different.
2. For mask ROM versions, (***) is the ROM code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com