Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 83Page - Renesas Technology Corp SH7032 Datasheet HTML 84Page - Renesas Technology Corp SH7032 Datasheet HTML 85Page - Renesas Technology Corp SH7032 Datasheet HTML 86Page - Renesas Technology Corp SH7032 Datasheet HTML 87Page - Renesas Technology Corp SH7032 Datasheet HTML 88Page - Renesas Technology Corp SH7032 Datasheet HTML 89Page - Renesas Technology Corp SH7032 Datasheet HTML 90Page - Renesas Technology Corp SH7032 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 687 page
background image
Section 4 Exception Handling
Rev. 7.00 Jan 31, 2006 page 61 of 658
REJ09B0272-0700
4.5
Instruction Exceptions
4.5.1
Types of Instruction Exceptions
Table 4.8 shows the three types of instruction that start exception handling (trap instructions,
illegal slot instructions, and general illegal instructions).
Table 4.8
Types of Instruction Exceptions
Type
Source Instruction
Comments
Trap instruction
TRAPA
—
Illegal slot
instruction
Undefined code or instruction
that rewrites the PC located
immediately after a delayed
branch instruction (delay slot)
Delayed branch instructions are: JMP, JSR,
BRA, BSR, RTS, RTE. Instructions that
rewrite the PC are: JMP, JSR, BRA, BSR,
RTS, RTE, BT, BF, and TRAPA
General illegal
instructions
Undefined code in other than
delay slot
—
4.5.2
Trap Instruction
Trap instruction exception handling is carried out when a trap instruction (TRAPA) is executed.
The CPU then:
1. Saves the status register by pushing register contents onto the stack.
2. Pushes the program counter value onto the stack. The PC value saved is the start address of the
next instruction after the TRAPA instruction.
3. Reads the exception handling routine start address from the vector table corresponding to the
vector number specified in the TRAPA instruction, branches to that address, and starts
program execution. The branch is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com