Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 40Page - Renesas Technology Corp SH7032 Datasheet HTML 41Page - Renesas Technology Corp SH7032 Datasheet HTML 42Page - Renesas Technology Corp SH7032 Datasheet HTML 43Page - Renesas Technology Corp SH7032 Datasheet HTML 44Page - Renesas Technology Corp SH7032 Datasheet HTML 45Page - Renesas Technology Corp SH7032 Datasheet HTML 46Page - Renesas Technology Corp SH7032 Datasheet HTML 47Page - Renesas Technology Corp SH7032 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 687 page
background image
Section 2 CPU
Rev. 7.00 Jan 31, 2006 page 18 of 658
REJ09B0272-0700
2.1.2
Control Registers
Control registers consist of the 32-bit status register (SR), global base register (GBR), and vector
base register (VBR). The status register indicates processing states. The global base register
functions as a base address for the indirect GBR addressing mode to transfer data to the registers
of on-chip supporting modules. The vector base register functions as the base address of the
exception vector area including interrupts.
9 8 765 4 3 2 1 0
M Q I3 I2 I1 I0
ST
0
0
31
31
GBR
VBR
SR
31
S bit: Used by the MAC instruction.
Reserved bits. These bits always read 0.
The write value should always be 0.
Bits I3–I0: Interrupt mask bits.
M and Q bits: Used by the DIV0U, DIV0S,
and DIV1 instructions.
Global base register (GBR):
Indicates the base address in indirect
GBR addressing mode. The indirect GBR
addressing mode is used to transfer data
to the on-chip supporting module register
area, etc.
Vector base register (VBR):
Stores the base address of the exception
vector area.
SR: Status register
T bit: The MOVT, CMP, TAS, TST,
BT, BF, SETT, and CLRT instructions
use the T bit to indicate true (1) or
false (0). The ADDV, ADDC, SUBV,
SUBC, DIV0U, DIV0S, DIV1, NEGC,
SHAR, SHAL, SHLR, SHLL, ROTR,
ROTL, ROTCR and ROTCL
instructions also use the T bit to indicate
carry/borrow or overflow/underflow
Figure 2.2 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com