Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 81Page - Renesas Technology Corp SH7032 Datasheet HTML 82Page - Renesas Technology Corp SH7032 Datasheet HTML 83Page - Renesas Technology Corp SH7032 Datasheet HTML 84Page - Renesas Technology Corp SH7032 Datasheet HTML 85Page - Renesas Technology Corp SH7032 Datasheet HTML 86Page - Renesas Technology Corp SH7032 Datasheet HTML 87Page - Renesas Technology Corp SH7032 Datasheet HTML 88Page - Renesas Technology Corp SH7032 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 687 page
background image
Section 4 Exception Handling
Rev. 7.00 Jan 31, 2006 page 59 of 658
REJ09B0272-0700
4.4
Interrupts
4.4.1
Interrupt Sources
Table 4.6 lists the types of interrupt exception handling sources (NMI, user break, IRQ, on-chip
supporting module).
Table 4.6
Interrupt Sources
Interrupt
Requesting Pin or Module
Number of Sources
NMI
NMI pin (external input)
1
User break
User break controller
1
IRQ
IRQ0–IRQ7 pin (external input)
8
On-chip supporting
Direct Memory Access Controller
4
module
16-bit integrated timer pulse unit
15
Serial communication interface
8
A/D converter
1
Watchdog timer
1
Bus state controller
2
Each interrupt source has a different vector number and vector address offset value. See table 5.3,
Interrupt Exception Vectors and Rankings, in section 5, Interrupt Controller (INTC), for details on
vector numbers and vector table address offsets.
4.4.2
Interrupt Priority Rankings
Interrupt sources are assigned priorities. When multiple interrupts occur at the same time, the
interrupt controller (INTC) ascertains their priorities and starts exception handling based on its
findings. Priorities from 16–0 can be assigned, with 0 the lowest level and 16 the highest. NMI has
priority level 16 and cannot be masked. NMI is always accepted. The user break priority level is
15. The IRQ and on-chip supporting module interrupt priority levels can be set in interrupt priority
level registers A–E (IPRA–IPRE) as shown in table 4.7. Priority levels 0–15 can be set. See
section 5.3.1, Interrupt Priority Registers A-E (IPRA–IPRE), for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com